Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L073X8 Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce STM32L073X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L073X8 Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button STM32L073X8 Datasheet HTML 36Page - STMicroelectronics STM32L073X8 Datasheet HTML 37Page - STMicroelectronics STM32L073X8 Datasheet HTML 38Page - STMicroelectronics STM32L073X8 Datasheet HTML 39Page - STMicroelectronics STM32L073X8 Datasheet HTML 40Page - STMicroelectronics STM32L073X8 Datasheet HTML 41Page - STMicroelectronics STM32L073X8 Datasheet HTML 42Page - STMicroelectronics STM32L073X8 Datasheet HTML 43Page - STMicroelectronics STM32L073X8 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 139 page
background image
Pin descriptions
STM32L073xx
40/139
DocID027096 Rev 3
Figure 6. STM32L073xx TFBGA64 ballout - 5x 5 mm
1. The above figure shows the package top view.
2. I/O pin supplied by VDD_USB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More