| Moteur de recherche de fiches techniques de composants électroniques |
|
SC16C652 Fiches technique(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C652 Fiches technique(HTML) 34 Page - NXP Semiconductors |
|
34 / 41 page ![]() Philips Semiconductors SC16C652 Dual UART with 32 bytes of transmit and receive FIFOs Product data Rev. 04 — 20 June 2003 34 of 41 9397 750 11634 © Koninklijke Philips Electronics N.V. 2003. All rights reserved. Fig 13. Transmit ready timing in non-FIFO mode. D0 D1 D2 D3 D4 D5 D6 D7 TRANSMITTER NOT READY 002aaa117 NEXT DATA START BIT STOP BIT PARITY BIT START BIT t27d TX TXRDY IOW DATA BITS (5-8) ACTIVE D0–D7 BYTE #1 ACTIVE TRANSMITTER READY |