| Moteur de recherche de fiches techniques de composants électroniques |
|
SC16C652 Fiches technique(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C652 Fiches technique(HTML) 32 Page - NXP Semiconductors |
|
32 / 41 page ![]() Philips Semiconductors SC16C652 Dual UART with 32 bytes of transmit and receive FIFOs Product data Rev. 04 — 20 June 2003 32 of 41 9397 750 11634 © Koninklijke Philips Electronics N.V. 2003. All rights reserved. Fig 9. Receive timing. D0 D1 D2 D3 D4 D5 D6 D7 ACTIVE ACTIVE 16 BAUD RATE CLOCK 002aaa113 t21d NEXT DATA START BIT STOP BIT PARITY BIT START BIT t20d RX INT IOR DATA BITS (5-8) 5 DATA BITS 6 DATA BITS 7 DATA BITS Fig 10. Receive ready timing in non-FIFO mode. D0 D1 D2 D3 D4 D5 D6 D7 ACTIVE DATA READY ACTIVE 002aaa114 t26d NEXT DATA START BIT STOP BIT PARITY BIT START BIT t25d RX RXRDY IOR DATA BITS (5–8) |