Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC16C652 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce SC16C652
Description  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 Fiches technique(HTML) 2 Page - NXP Semiconductors

  SC16C652 Datasheet HTML 1Page - NXP Semiconductors SC16C652 Datasheet HTML 2Page - NXP Semiconductors SC16C652 Datasheet HTML 3Page - NXP Semiconductors SC16C652 Datasheet HTML 4Page - NXP Semiconductors SC16C652 Datasheet HTML 5Page - NXP Semiconductors SC16C652 Datasheet HTML 6Page - NXP Semiconductors SC16C652 Datasheet HTML 7Page - NXP Semiconductors SC16C652 Datasheet HTML 8Page - NXP Semiconductors SC16C652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
2 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
s Fully programmable character formatting:
x 5-, 6-, 7-, or 8-bit characters
x Even-, Odd-, or No-Parity formats
x 1-, 11
⁄2-, or 2-stop bit
x Baud generation (DC to 5 Mbit/s)
s False start-bit detection
s Complete status reporting capabilities
s 3-State output TTL drive capabilities for bi-directional data bus and control bus
s Line Break generation and detection
s Internal diagnostic capabilities:
x Loop-back controls for communications link fault isolation
s Prioritized interrupt system controls
s Modem control functions (CTS, RTS, DSR, DTR, RI, CD).
3.
Ordering information
Table 1:
Ordering information
Type number
Package
Name
Description
Version
SC16C652IB48
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41