Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EE2 Fiches technique(PDF) 10 Page - NEC

No de pièce EE2
Description  High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

EE2 Fiches technique(HTML) 10 Page - NEC

Back Button EE2 Datasheet HTML 4Page - NEC EE2 Datasheet HTML 5Page - NEC EE2 Datasheet HTML 6Page - NEC EE2 Datasheet HTML 7Page - NEC EE2 Datasheet HTML 8Page - NEC EE2 Datasheet HTML 9Page - NEC EE2 Datasheet HTML 10Page - NEC EE2 Datasheet HTML 11Page - NEC EE2 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
EC2(ND),EE2(ND) SERIES
DATA SHEET ER0327EJ2V0DS00
GUIDE TO APPLICATIONS
1. When connecting coils, refer to the pin configuration to prevent misoperation or malfunction.
2. The latch type relay should be initialized at the appointed position (set or reset position) when using, and should
be energized or deenergized to the specified polarity to avoid wrong operations by reversed contact state.
3. Ultrasonic cleaning is not recommended to keep contact performance reliable. Alcohol based solvents are
available as proper solvents.
4. Pressurized stress on the relay cover may affect reliable operation.
5. Minimum contact load of the relay is 100 mV, 100
µA. This value is a reference value in the resistance load.
Minimum capacity changes depending on swiching frequency and environment temperature and the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12