| Moteur de recherche de fiches techniques de composants électroniques |
|
EE2 Fiches technique(PDF) 9 Page - NEC |
|
|
|||||||||||||||||||||||||||||
EE2 Fiches technique(HTML) 9 Page - NEC |
|
9 / 12 page ![]() EC2(ND),EE2(ND) SERIES 9 DATA SHEET ER0327EJ2V0DS00 SOLDERING TEMPERATURE CONDITION Through–hole mounting type gEC2 (ND)h q Automatic soldering * Preheating : 100 °C max. 1 minute max. * Solder temperature : 250 °C max. * Solder time : 10 seconds max. w Manual soldering * Solder temperature : 350 °C max. * Solder time : 3 seconds max. Surface mounting type gEE2 (ND)h Time Time T max.; 215 T max.; 235 200 max. 165 max. 100 max. 200 IRS Method VPS Method Note: 1. Temperature profile shows printed circuit board surface temperature on the relay terminal portion. 2. Check the actual soldering condition to use other method except above mentioned temperature profiles. 175 150 60sec.max. 90 sec. max. 60 sec. 200 sec. 80 sec. 30 sec. |