| Moteur de recherche de fiches techniques de composants électroniques |
|
EE2 Fiches technique(PDF) 8 Page - NEC |
|
|
|||||||||||||||||||||||||||||
EE2 Fiches technique(HTML) 8 Page - NEC |
|
8 / 12 page ![]() 8 EC2(ND),EE2(ND) SERIES DATA SHEET ER0327EJ2V0DS00 TUBE PACKAGE gEC2 (ND), EE2 (ND)h TAPE PACKAGE gEE2 (ND)h Rubber stopper (Red) Rubber stopper (Green) Index Mark 543 ± 1 11.9 ± 0.3 (2.4) ( ) Reference Outline of Package Dimension of Package (Unit : mm) 35 pieces / Tube Material : Polyvinyl chloride (anti-static treated) 2.0(0.079) 0.4 (0.016) Max.10.9 (0.429) 4.0(0.157) 1.5 (0.06) φ φ 2.2 (0.087) 16.0(0.63) 10(0.393) Top cover tape Embossed carrying tape Index mark of relay direction Relay orientation mark and tape carrying direction. APPEARANCE TAPE DIMENSIONS Unit : mm (inch) Index mark of relay direction Tape carrying direction Carrying tape type Part number L EE2........-L R EE2........-R 400 Relays / Reel (Standard) Reel |