| Moteur de recherche de fiches techniques de composants électroniques |
|
PC87373 Fiches technique(PDF) 129 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87373 Fiches technique(HTML) 129 Page - National Semiconductor (TI) |
|
129 / 174 page ![]() 10.0 Game Port (GMP) (Continued) 129 www.national.com Revision 1.1 10.4 GAME PORT REGISTER BITMAP 2RO Device B X-Axis Pin Status. This bit reflects the state of Device B X-axis input pin. 0: JOYBX pin is driven low 1: JOYBX pin is released for charging 1RO Device A Y-Axis Pin Status. This bit reflects the state of Device A Y-axis input pin. 0: JOYAY pin is driven low 1: JOYAY pin is released for charging 0RO Device A X-Axis Pin Status. This bit reflects the status of Device A X-axis input pin. 0: JOYAX pin is driven low 1: JOYAX pin is released for charging Table 48. Game Port Register Bitmap Register Bits Offset Mnemonic 76543210 00h GMPST Device B Button 1 Pin Status Device B Button 0 Pin Status Device A Button 1 Pin Status Device A Button 0 Pin Status Device B Y-Axis Pin Status Device B X-Axis Pin Status Device A Y-Axis Pin Status Device A X-Axis Pin Status Bit Type Description |