| Moteur de recherche de fiches techniques de composants électroniques |
|
MCS3142 Fiches technique(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142 Fiches technique(HTML) 15 Page - Microchip Technology |
|
15 / 37 page ![]() 2014 Microchip Technology Inc. DS40001747A-page 15 MCS3142 TABLE 3-21: ULTIMATE KEELOQ® TECHNOLOGY SYNCHRONIZATION COUNTER INITIAL VALUE REGISTERS Byte Address Bit Description Values 0x63 7:0 Synchronization Counter Value, Primary Copy Least Significant Byte of counter value 0x64 7:0 Middle byte of counter value 0x65 7:0 Most Significant Byte of counter value 0x66 7:0 Synchronization Counter CRC See Section 3.1 “Counter and Timer Pro- tection” 0x72 7:0 Synchronization Counter Value, Secondary Copy Least Significant Byte of counter value 0x73 7:0 Middle byte of counter value 0x74 7:0 Most Significant Byte of counter value TABLE 3-22: CLASSIC KEELOQ® TECHNOLOGY SYNCHRONIZATION COUNTER INITIAL VALUE REGISTERS Byte Address Bit Description Values 0x67 7:0 Synchronization Counter Value, Primary Copy Least Significant Byte of counter value 0x68 7:0 Most Significant Byte of counter value 0x69 7:0 Synchronization Counter CRC See Section 3.1 “Counter and Timer Pro- tection” 0x76 7:0 Synchronization Counter Value, Secondary Copy Least Significant Byte of counter value 0x77 7:0 Most Significant Byte of counter value TABLE 3-23: ULTIMATE KEELOQ® TECHNOLOGY RESET COUNTER INITIAL VALUE REGISTERS Byte Address Bit Description Values 0x6A 7:0 Synchronization Counter Value, Primary Copy Least Significant Byte of counter value 0x6B 7:0 Most Significant Byte of counter value 0x6C 7:0 Synchronization Counter CRC See Section 3.1 “Counter and Timer Pro- tection” 0x79 7:0 Synchronization Counter Value, Secondary Copy Least Significant Byte of counter value 0x7A 7:0 Most Significant Byte of counter value TABLE 3-24: ULTIMATE KEELOQ® TECHNOLOGY TIMER INITIAL VALUE REGISTERS Byte Address Bit Description Values 0x6D 7:0 Timer Value, Primary Copy Least Significant Byte of counter value 0x6E 7:0 Byte 1 of the counter value 0x6F 7:0 Byte 2 of the counter value 0x70 7:0 Most Significant Byte of counter value 0x71 7:0 Timer CRC See Section 3.1 “Counter and Timer Pro- tection” 0x7C 7:0 Timer Value, Secondary Copy Least Significant Byte of counter value 0x7D 7:0 Byte 1 of the counter value 0x7E 7:0 Byte 2 of the counter value 0x7F 7:0 Most Significant Byte of counter value |