Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCS3142 Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce MCS3142
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Fiches technique(HTML) 6 Page - Microchip Technology

Back Button MCS3142_14 Datasheet HTML 2Page - Microchip Technology MCS3142_14 Datasheet HTML 3Page - Microchip Technology MCS3142_14 Datasheet HTML 4Page - Microchip Technology MCS3142_14 Datasheet HTML 5Page - Microchip Technology MCS3142_14 Datasheet HTML 6Page - Microchip Technology MCS3142_14 Datasheet HTML 7Page - Microchip Technology MCS3142_14 Datasheet HTML 8Page - Microchip Technology MCS3142_14 Datasheet HTML 9Page - Microchip Technology MCS3142_14 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
MCS3142
DS40001747A-page 6
 2014 Microchip Technology Inc.
2.0
DEVICE DESCRIPTION
As shown in the typical application circuit (Figure 2-1),
MCS3142 is a simple device to use. It requires only the
addition of buttons, an external 32.768 kHz watch
crystal, a transmitter reference oscillator, and RF
circuitry for use as the transmitter in your security
application. See Table 1 for a description of each pin.
FIGURE 2-1:
TYPICAL CIRCUIT
Rev. 20-000011A
9/23/2013
VDD
VDD
CLKIN
CLKOUT
S3
PGC
PGD
NA
VDD
CTRL
LED
DATA
CTRL
DATA
VSS
XTAL
S1
S2
S0
VSS
VDD
B3
B0
B1
B2
Matching
Circuit
Block
RFOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37