Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCS3142 Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce MCS3142
Description  MCS3142 Dual KEELOQ짰 Technology Encoder Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Fiches technique(HTML) 22 Page - Microchip Technology

Back Button MCS3142_14 Datasheet HTML 18Page - Microchip Technology MCS3142_14 Datasheet HTML 19Page - Microchip Technology MCS3142_14 Datasheet HTML 20Page - Microchip Technology MCS3142_14 Datasheet HTML 21Page - Microchip Technology MCS3142_14 Datasheet HTML 22Page - Microchip Technology MCS3142_14 Datasheet HTML 23Page - Microchip Technology MCS3142_14 Datasheet HTML 24Page - Microchip Technology MCS3142_14 Datasheet HTML 25Page - Microchip Technology MCS3142_14 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
MCS3142
DS40001747A-page 22
 2014 Microchip Technology Inc.
6.2
Baud Rate
The baud rate of an encoder’s transmission is highly
configurable using two configuration options:
• The Time Element Clock Prescaler
• The Time Element Clock Value
Each encoder has its own independent configuration
and can therefore operate at a rate independent of the
other encoder. See Table 3-6 and Table 3-9 for the
Classic KEELOQ encoder and Table 3-14 and Table 3-17
for the Ultimate KEELOQ encoder.
The Time Element is calculated using the formula in
Equation 6-1.
EQUATION 6-1:
Table 3-17 lists appropriate settings for some baud
rates common to KEELOQ systems.
6.3
Transmission Modulation Format
The RF transmission can be configured to modulate
using Frequency-Shift Keying (FSK) or On-Off Keying
(OOK).
Each
encoder
may
be
configured
independently. See Table 3-7 and Table 3-15 for the
Classic KEELOQ and Ultimate KEELOQ encoders,
respectively.
TABLE 6-1:
CONFIGURATION FOR
COMMON BAUD RATES
TE (µs)
PRE
TIME
100
1:1
200
200
1:4
100
400
1:4
200
800
1:16
100
TE
PRE TIME
4
810
6
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37