Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AB18X5-RTC Fiches technique(PDF) 34 Page - Abracon Corporation

No de pièce AB18X5-RTC
Description  Baseline timekeeping features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABRACON [Abracon Corporation]
Site Internet  https://abracon.com
Logo ABRACON - Abracon Corporation

AB18X5-RTC Fiches technique(HTML) 34 Page - Abracon Corporation

Back Button AB18X5-RTC Datasheet HTML 29Page - Abracon Corporation AB18X5-RTC Datasheet HTML 30Page - Abracon Corporation AB18X5-RTC Datasheet HTML 31Page - Abracon Corporation AB18X5-RTC Datasheet HTML 32Page - Abracon Corporation AB18X5-RTC Datasheet HTML 33Page - Abracon Corporation AB18X5-RTC Datasheet HTML 34Page - Abracon Corporation AB18X5-RTC Datasheet HTML 35Page - Abracon Corporation AB18X5-RTC Datasheet HTML 36Page - Abracon Corporation AB18X5-RTC Datasheet HTML 37Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 34 of 37
Abracon Drawing #453568
Revision: C
9. Notes
i.
The parts are manufactured in accordance with this specification. If other conditions and specifica-
tions which are required for this specification, please contact ABRACON for more information.
ii.
ABRACON will supply the parts in accordance with this specification unless we receive a written
request to modify prior to an order placement.
iii.
In no case shall ABRACON be liable for any product failure from inappropriate handling or operation
of the item beyond the scope of this specification.
iv.
When changing your production process, please notify ABRACON immediately.
v.
ABRACON Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for
Commercial, Industrial and, where designated, Automotive Applications. ABRACON’s products are
not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any
application requiring high reliability where component failure could result in loss of life and/or property.
For applications requiring high reliability and/or presenting an extreme operating environment, written
consent and authorization from ABRACON Corporation is required. Please contact ABRACON Cor-
poration for more information.
vi. All specifications and Marking will be subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37