Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBBAR Fiches technique(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECBBAR
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBAR Fiches technique(HTML) 119 Page - Texas Instruments

Back Button OMAP3530ECBBAR Datasheet HTML 115Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 116Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 117Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 118Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 119Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 120Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 121Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 122Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
3
ELECTRICAL CHARACTERISTICS
3.1
Power Domains
The OMAP3530/25 device integrates enhanced features that dynamically adapt energy consumption
according to application needs and performance requirements.
The OMAP3530/25 device includes an enhanced power-management scheme based on:
•
Nine independent functional voltage domains on chip partitioning
•
Multiple voltage domains
•
Voltage scaling support
•
Enhanced memory retention support
•
Optimized device off mode
•
Centralized management of power, reset, and clock
The external power supplies of OMAP3530/25 are:
•
vdd_mpu _iva for the ARM and IVA2.2 processors
•
vdd_core for macros
•
vdds for IO macros
•
vdds_mem for memory macros
•
vdds_sram for SRAM LDOs
•
vdds_dpll_dll for DLL IO
•
vdds_dpll_per for peripheral DPLLs
•
vdds_wkup_bg for wakeup LDO and VDDA (2 LDOs: SRAM and BandGap)
•
vdda_dac for video DAC
•
vdds_mmc1 and vdds_mmc1a for MMC IO
•
The supply voltages are detailed in Table 3-3.
Figure 3-1 illustrates the power domains:
Copyright © 2008–2013, Texas Instruments Incorporated
ELECTRICAL CHARACTERISTICS
119
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More