Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBBAR Fiches technique(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECBBAR
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBAR Fiches technique(HTML) 115 Page - Texas Instruments

Back Button OMAP3530ECBBAR Datasheet HTML 111Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 112Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 113Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 114Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 115Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 116Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 117Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 118Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-25. Power Supplies Signals Description(1) (continued)
SIGNAL NAME
DESCRIPTION
BALL BOTTOM
BALL TOP
BALL BOTTOM
BALL TOP
BALL BOTTOM
(CBB Pkg.)
(CBB Pkg.)
(CBC Pkg.)
(CBC Pkg.)
(CUS Pkg.)
vss
Ground
AG2 / U2 / B2 /
H2 / B18 / AC20 /
G1/ K1/ R1/ W1/ B2/
C1/ F1/ H2/ M2/ R2/
W15/ V16/ V15/
AG3 / W3 / P3 / J3 /
AB5 / AB14 / AB20
H4/ N4/ R4/ W4/ AB5/
Y6/AA7/ Y11/ AA16/
U16/ U15/ U14/
E3 / A3 / P4 / E4 /
/ P2 / F22 / E2 /
A6/ D7/ Y7/AE7/ A8/
W20/P20/ L21/ H20/
U11/ U9/T16/ T15/
AG6 / D7 / C7 / V9 /
C22 / B4 / B7 / B10
G8/ D10/ G10/ L10/
F20/ B14/A13/ A7
T14/ T13/ T12/ T11/
U9 / P9 / N9 / K9 /
/ B15
N10/ Y10/ AC10/ C12/
T10/ T9/ R15/ R14/
W10 / V10 / P10 /
D12/A13/ D14/ AD14/
R11/ R10/ P17/
K10 / D10 / C10 /
K15/ Y16/ L17/ N17/
P15/ P14/ P13/P12/
AF12 / AE12 / Y12 /
R17/ D18/ D20/G20/
P11/ P10/ P8/ N16/
K12 / J12 / Y13 /
E22/ AB22/ G23/ L23/
N15/ N14/ N13/
W13 / J13 / D13 /
T23/ W23/ AF23/ B25/
N12/ N11/ N10/ N9/
C13 / W14 / K16 /
K25/U25/ AD25
M16/ M13/ M11/
J16 / Y17 / W17 /
M10/ M9/ L17/ L13/
K17 / J17 / W19 /
L10/ L8/ K15/ K14/
V19 / R19 / P19 /
K11/ K10/ J16/ J15/
L19 / K19 / D19 /
J14/ J13/ J12/
C19 / AF20 / AE20 /
J11/H16/ H14/ H11
T20 / R20 / M20 /
L20 / D21 / C22 /
AC25 / Y25 / W25 /
AC26 / R26 / L26 /
A26 / G27 / B27/
AA26/ M28/ AG16/
AH21
vdds_sram
SRAM LDOs
W16
NA
U12
NA
AA12
vdds_mmc1
MMC IO power
K25
NA
N23
NA
N24
domain for CMD,
CLK, and DAT(0..3)
vdds_mmc1a
Power supply for
P25
NA
P23
NA
H8
MMC DAT [4..7]
cap_vdd_sram_m
SRAM LDO
V4
NA
N9
NA
U8
pu _iva
capacitance for
VDDRAM1
cap_vdd_sram_co
SRAM LDO
L21
NA
K20
NA
H17
re
capacitance for
VDDRAM2
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
115
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More