Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBBAR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECBBAR
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBAR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button OMAP3530ECBBAR Datasheet HTML 3Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 4Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 5Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 6Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 7Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 8Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 9Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 10Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 1-1. Differences Between CBB, CBC, and CUS Packages (continued)
FEATURE
CBB PACKAGE
CBC PACKAGE
CUS PACKAGE
A maximum of 170 GPIO pins
are supported.
The following GPIO pins are not
available: gpio_112, gpio_113,
gpio_114, gpio_115, gpio_52,
gpio_53, gpio_63, gpio_64,
gpio_144, gpio_145, gpio_146,
A maximum of 188 GPIO pins
A maximum of 188 GPIO pins
GPIO
gpio_147, gpio_152, gpio_153,
are supported.
are supported.
gpio_154, gpio_155, gpio_175,
and gpio_176.
Pin muxing restricts the total
number of GPIO pins available at
one time. For more details, see
Table 2-4, Multiplexing
Characteristics (CUS Pkg.).
Copyright © 2008–2013, Texas Instruments Incorporated
OMAP3530 and OMAP3525 Applications Processors
7
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More