Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBBAR Fiches technique(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECBBAR
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBAR Fiches technique(HTML) 45 Page - Texas Instruments

Back Button OMAP3530ECBBAR Datasheet HTML 41Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 42Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 43Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 44Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 45Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 46Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 47Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 48Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
hsusb2_tll_cl 6
O
k
AF7
NA
etk_d11
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_stp
3
O
gpio_25
4
IO
mm2_rxdp
5
IO
hsusb2_tll_st 6
I
p
AG7
NA
etk_d12
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_dir
3
I
gpio_26
4
IO
hsusb2_tll_di 6
O
r
AH7
NA
etk_d13
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_nxt
3
I
gpio_27
4
IO
mm2_rxdm
5
IO
hsusb2_tll_n 6
O
xt
AG8
NA
etk_d14
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_
3
IO
data0
gpio_28
4
IO
mm2_rxrcv
5
IO
hsusb2_tll_
6
IO
data0
AH8
NA
etk_d15
0
O
L
L
4
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_
3
IO
data1
gpio_29
4
IO
mm2_txse0
5
IO
hsusb2_tll_
6
IO
data1
AE9, AE18,
NA
vdd_core
0
PWR
-
-
-
-
-
-
-
-
AE19, AE24,
AC4, Y16,
Y18, Y19,
Y20, W18,
W20, V20,
U19, U20,
T19, P20,
N19, N20,
M19, M25,
L25, K18,
K20, J4, J18,
J19, J20, H4,
E25, D8, D9,
D15, D22,
D23
Y9, Y10,
NA
vdd_mpu
0
PWR
-
-
-
-
-
-
-
-
Y11, Y14,
_iva
Y15, W9,
W11, W12,
W15, U10,
T9, T10, R9,
R10, N10,
M9, M10, L9,
L10, K11,
K14, K13, J9,
J10, J11,
J14, J15
AH6, U1, R4, NA
vdds_mem
0
PWR
-
-
-
-
-
-
-
-
J1, J2, G28,
F1, F2, D16,
C16, C28,
B5, B8, B12,
B18, B22,
A5, A8, A12,
A18, A22
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
45
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More