| Moteur de recherche de fiches techniques de composants électroniques |
|
LM146 Fiches technique(PDF) 13 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM146 Fiches technique(HTML) 13 Page - National Semiconductor (TI) |
|
13 / 17 page ![]() Active Filters Applications (Continued) Miscellaneous Applications DS005654-38 1. Pick up a convenient value for b; (b < 1) 2. Adjust Qo through R5 3. Adjust Ho(BP) through R4 4. Adjust fo through RSET. This adjusts the unity gain frequency (fu) of the op amp. A 4th Order Butterworth Low Pass Capacitorless Filter DS005654-17 Ex: fc = 20 kHz, Ho (gain of the filter) = 1, Q01 = 0.541, Qo2 = 1.306. •Since for this filter the GBW product of all 4 amplifiers has been designed to be the same (z1 MHz) only one current source can be used to bias the circuit. Fine tuning can be further accomplished through Rb. A Unity Gain Follower with Bias Current Reduction DS005654-18 • For better performance, use a matched NPN pair. www.national.com 13 |