Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM146 Fiches technique(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM146
Description  Programmable Quad Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM146 Fiches technique(HTML) 11 Page - National Semiconductor (TI)

Back Button LM146 Datasheet HTML 7Page - National Semiconductor (TI) LM146 Datasheet HTML 8Page - National Semiconductor (TI) LM146 Datasheet HTML 9Page - National Semiconductor (TI) LM146 Datasheet HTML 10Page - National Semiconductor (TI) LM146 Datasheet HTML 11Page - National Semiconductor (TI) LM146 Datasheet HTML 12Page - National Semiconductor (TI) LM146 Datasheet HTML 13Page - National Semiconductor (TI) LM146 Datasheet HTML 14Page - National Semiconductor (TI) LM146 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Active Filters Applications (Continued)
Circuit Synthesis Equations
DS005654-35
A Simple-to-Design BP, LP Filter Building Block
DS005654-14
• If resistive biasing is used to set the LM346 performance, the Qo of this filter building block is nearly insensitive to the op amp’s GBW product temperature
drift; it has also better noise performance than the state variable filter.
DS005654-36
•For the eventual use of amplifier C, see comments on the previous page.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17