| Moteur de recherche de fiches techniques de composants électroniques |
|
LM146 Fiches technique(PDF) 9 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM146 Fiches technique(HTML) 9 Page - National Semiconductor (TI) |
|
9 / 17 page ![]() Typical Applications Dual Supply or Negative Supply Blasing DS005654-39 Single (Positive) Supply Blasing DS005654-11 Current Source Blasing with Temperature Compensation DS005654-40 • The LM334 provides an ISET directly proportional to absolute temperature. This cancels the slight GBW product Temperature coefficient of the LM346. Blasing all 4 Amplifiers with Single Current Source DS005654-41 • For ISET1≅ISET2 resistors R1 and R2 are not required if a slight error between the 2 set currents can be tolerated. If not, then use R1 = R2 to create a 100 mV drop across these resistors. www.national.com 9 |