| Moteur de recherche de fiches techniques de composants électroniques |
|
RN4871 Fiches technique(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN4871 Fiches technique(HTML) 46 Page - Microchip Technology |
|
46 / 48 page ![]() RN4870/71 DS50002489A-page 46 2016 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, for example, on pricing or delivery, refer to the factory or the listed sales office. Device: RN4870: Ceramic Chip Antenna RN4870U: External Antenna RN4871: Ceramic Chip Antenna RN4871U: External Antenna Temperature Range: V= -20 C to +70C (Various) Package: RM = Radio Module Example: RN4870-V/RM118: Various temperature Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. PART NO. Device V Temperature Range RM Package XXX Firmware Revision Number |