| Moteur de recherche de fiches techniques de composants électroniques |
|
RN4871 Fiches technique(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN4871 Fiches technique(HTML) 35 Page - Microchip Technology |
|
35 / 48 page ![]() 2016 Microchip Technology Inc. DS50002489A-page 35 RN4870/71 9.0 TIMING CHARACTERISTICS Figure 9-1 shows the timing diagram for the RN4870/ 71 modules when it is Reset in the Test mode and Application mode. Figure 9-2 shows the timing diagram for the module when it is powered on. In Application mode, when RN4870/71 is ready to talk to MCU after Reset, the module provides a UART response indicating that the Reset is complete. For more details, refer to the “RN4870/71 Bluetooth® Low Energy Mod- ule User's Guide” (DS50002466A). FIGURE 9-1: TIMING DIAGRAM OF RN4870/71 UART READY AFTER RESET (IN TEST AND APPLICATION MODE) FIGURE 9-2: TIMING DIAGRAM OF RN4870/71 UART WHEN POWERED ON (IN TEST AND APPLICATION MODE) Ext Reset 1mS P2_0=0 P2_0=1 25mS Test Mode Process Application Mode Process 46mS 68mS UART Ready for MCU UART Ready for MCU Status pin/UART Report Command VBAT P2_0=0 P2_0=1 25mS Test Mode Process Application Mode Process 46mS 68mS UART Ready for MCU UART Ready for MCU Status pin/UART Report Command |