| Moteur de recherche de fiches techniques de composants électroniques |
|
RN4871 Fiches technique(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN4871 Fiches technique(HTML) 29 Page - Microchip Technology |
|
29 / 48 page ![]() 2016 Microchip Technology Inc. DS50002489A-page 29 RN4870/71 6.0 ASCII COMMAND API The RN4870/71 command Application Programming Interfaces (APIs) are documented in the “RN4870/71 Bluetooth® Low Energy Module User's Guide” (DS50002466A). The following are the available command options and their categories: • Connection - Establish connection - Disconnect - Bond/Unbond current connection - Start/Stop scan for other devices - Add/Delete peer devices to white list - Read RSSI values - Stop connection process •I/O - Read/Write I2C - Change settings in the EEPROM - Configure pin functions - Configure GPIO mask - Set/Get GPIO states - Read and write analog data -PWM control • System - Reboot - Factory default - Enter and Exit Command mode - Enter Low-Power mode •Scripting - Enter Script mode - Declare event handler - Execute current script - List current script - Clear script - Define user function •GATT Services - Create/Delete public services/characteristics - Read/Write characteristic values - Set notification for characteristics • GAP Role - Central, Peripheral, Observer and Broadcaster • Advertising - Start/Stop - Set custom advertisement content - Set scan response content - Set beacon content • Private Service - Create/Delete private services/characteristics - Read/Write characteristic values - Set notification for characteristics • Transparent UART - Enable/Disable - Peripheral side configuration - Central side configuration • Remote configuration of the module • Read individual device Information or Profile settings |