| Moteur de recherche de fiches techniques de composants électroniques |
|
XP-G2 Fiches technique(PDF) 27 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
XP-G2 Fiches technique(HTML) 27 Page - Cree, Inc |
|
27 / 30 page ![]() Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 27 XLamp® Xp-G2 LED uL® recognized Component Level 4 enclosure consideration. The LED package or a portion thereof has been investigated as a fire and electrical enclosure per ANSI/ UL 8750. vision Advisory WARNING: Do not look at an exposed lamp in operation. Eye injury can result. For more information about LEDs and eye safety, please refer to the LeD eye Safety application note. notEs - ContinuED |