| Moteur de recherche de fiches techniques de composants électroniques |
|
XP-G2 Fiches technique(PDF) 21 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
XP-G2 Fiches technique(HTML) 21 Page - Cree, Inc |
|
21 / 30 page ![]() Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 21 XLamp® Xp-G2 LED CrEE’s stAnDArD wArM AnD nEutrAL whitE Kits PLottED on Ansi stAnDArD ChroMAtiCity rEGions 2700 K 3000 K 3500 K 4000 K 4500 K 5000 K 3A 3B 3C 3D 4A 4B 4C 4D 5A1 5A2 5A3 5A4 5B1 5B2 5B3 5B4 5C1 5C2 5C3 5C4 5D1 5D2 5D3 5D4 6A1 6A2 6A3 6A4 6B1 6B2 6B3 6B4 6C1 6C2 6C3 6C4 6D1 6D2 6D3 6D4 7A1 7A2 7A3 7A4 7B1 7B2 7B3 7B4 7C1 7C2 7C3 7C4 7D1 7D2 7D3 7D4 8A1 8A2 8A3 8A4 8B1 8B2 8B3 8B4 8C1 8C2 8C3 8C4 8D1 8D2 8D3 8D4 0.33 0.34 0.35 0.36 0.37 0.38 0.39 0.40 0.41 0.42 0.43 0.44 0.45 0.46 CCx ANSI C78.377A E3 E4 E5 E6 E8 E7 2700 K 3000 K 3500 K 4000 K 4500 K 5000 K 3A 3B 3C 3D 4A 4B 4C 4D 5A1 5A2 5A3 5A4 5B1 5B2 5B3 5B4 5C1 5C2 5C3 5C4 5D1 5D2 5D3 5D4 6A1 6A2 6A3 6A4 6B1 6B2 6B3 6B4 6C1 6C2 6C3 6C4 6D1 6D2 6D3 6D4 7A1 7A2 7A3 7A4 7B1 7B2 7B3 7B4 7C1 7C2 7C3 7C4 7D1 7D2 7D3 7D4 8A1 8A2 8A3 8A4 8B1 8B2 8B3 8B4 8C1 8C2 8C3 8C4 8D1 8D2 8D3 8D4 0.33 0.34 0.35 0.36 0.37 0.38 0.39 0.40 0.41 0.42 0.43 0.44 0.45 0.46 CCx ANSI C78.377A F4 F6 F7 F5 F8 |