| Moteur de recherche de fiches techniques de composants électroniques |
|
XP-G2 Fiches technique(PDF) 24 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
XP-G2 Fiches technique(HTML) 24 Page - Cree, Inc |
|
24 / 30 page ![]() Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 24 XLamp® Xp-G2 LED bin AnD orDEr CoDE ForMAts XP-G2 bin codes and order codes are configured in the following manner: order Code bin Code SSSCCC-BD-HHHH-NNNNN Internal code Color BWT = Gen 2 White Series XPG = XP-G Color specification 01 = Outdoor White B1 = 70 CRI minimum L1 = Standard CRI H1 = 80 CRI minimum P1 = 85 CRI minimum U1 = 90 CRI minimum Kit number SSSCCC-BD-WWW-FF-G-AA Internal code Chromaticity bin Color BWT = Gen 2 White Series XPG = XP-G Color specification 01 = Outdoor White B1 = 70 CRI minimum L1 = Standard CRI H1 = 80 CRI minimum P1 = 85 CRI minimum U1 = 90 CRI minimum Luminous flux group |