| Moteur de recherche de fiches techniques de composants électroniques |
|
DM160220 Fiches technique(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM160220 Fiches technique(HTML) 18 Page - Microchip Technology |
|
18 / 20 page ![]() MTCH101 DS40001664B-page 18 Preliminary 2012-2013 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device: MTCH101 Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: I= -40 C to +85C (Industrial) Package:(2) OT = 6-pin SOT-23 Pattern: QTP, SQTP, Code or Special Requirements (blank otherwise) Examples: a) MTCH101 - I/OT Industrial temperature SOT-23 package Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. 2: For other small form-factor package availability and marking information, please visit www.microchip.com/packaging or contact your local sales office. [X](1) Tape and Reel Option - |