| Moteur de recherche de fiches techniques de composants électroniques |
|
DM160220 Fiches technique(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM160220 Fiches technique(HTML) 4 Page - Microchip Technology |
|
4 / 20 page ![]() MTCH101 DS40001664B-page 4 Preliminary 2012-2013 Microchip Technology Inc. 2.0 TYPICAL CIRCUIT The MTCH101 can work either as a stand-alone device to control a LED (see Figure 2-1) to indicate touch/ proximity, or work with host MCU (see Figure 2-2). FIGURE 2-1: TYPICAL CIRCUIT AS STAND-ALONE FIGURE 2-2: TYPICAL CIRCUIT WITH HOST MCU MTI VSS MTSA MTPM VDD MTO MTCH101 1 2 3 Proximity Sensor R3 4.7k R4 10k 10k R5 1k R6 C1 0.1 µF 6 5 4 R1 R2 VDD VDD VDD VDD MTI VSS MTSA MTPM VDD MTO MTCH101 1 2 3 Proximity Sensor R1 4.7k R2 10k 10k R3 4.7k R4 C1 0.1 µF 6 5 4 Host Digital output Digital input DAC output VDD VDD |