Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM160220 Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce DM160220
Description  Single-Channel Proximity Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160220 Fiches technique(HTML) 8 Page - Microchip Technology

Back Button DM160220 Datasheet HTML 4Page - Microchip Technology DM160220 Datasheet HTML 5Page - Microchip Technology DM160220 Datasheet HTML 6Page - Microchip Technology DM160220 Datasheet HTML 7Page - Microchip Technology DM160220 Datasheet HTML 8Page - Microchip Technology DM160220 Datasheet HTML 9Page - Microchip Technology DM160220 Datasheet HTML 10Page - Microchip Technology DM160220 Datasheet HTML 11Page - Microchip Technology DM160220 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MTCH101
DS40001664B-page 8
Preliminay
 2012-2013 Microchip Technology Inc.
6.0
INTERFACE WITH THE HOST
The MTO pin can be considered as an open drain
output. A pull-up resistor (usually 3.3k~10 k
) is
needed to interface with a host. The pull-up voltage can
be any voltage lower than VDD. This allows a simple
interface with a lower VDD host device (see Figure 6-1).
FIGURE 6-1:
INTERFACE WITH THE
HOST
MTO
R
Host
Digital
Input
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20