| Moteur de recherche de fiches techniques de composants électroniques |
|
CHS-01TB2 Fiches technique(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CHS-01TB2 Fiches technique(HTML) 1 Page - Copal Electronics |
|
1 / 14 page ![]() CHS ■ FEATURES O RoHS compliant O Meets EIAJ SOP standard outline dimensions (B type) O Low profile design of 2.5 mm O 12 types of 1, 2, 4, 6, 8 or 10 bit with either gull wing or J-hook available O Excellent contact stability by twin Gold-plated contact Part name ① ② ③ ④ ⑤ ⑥ Cover Slider Housing Slider contact Fixed contact Terminal pin Material Flammability UL94V-0 Polyphenylenesulphide Polyamide Polyphenylenesulphide Copper alloy, Gold-plated INTERNAL STRUCTURE ■ PART NUMBER DESIGNATION CHS - 06 T A 1 Series name No. of bits 01:1 bit 02:2 bits 04:4 bits 06:6 bits 08:8 bits 10:110 bits Shape of terminal A:J-hook B:Gull wing Structure 1:Non-washable type (Without seal tape) Standard type 2:Non-washable type (With seal tape) Blank : Washable type (With seal tape) Form of packaging T :Taping (Reel) M:Magazine Blank:Bulk in plastic bag ※ Please refer to the LIST OF PART NUMBERS when placing orders. ① ③ ⑥ ④ ⑤ ② SLIDE SWITCHES (HALF PITCH) RoHS compliant |
Numéro de pièce similaire - CHS-01TB2 |
|
Description similaire - CHS-01TB2 |