| Moteur de recherche de fiches techniques de composants électroniques |
|
CHS-01TB2 Fiches technique(PDF) 8 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CHS-01TB2 Fiches technique(HTML) 8 Page - Copal Electronics |
|
8 / 14 page ![]() CHS SLIDE SWITCHES (HALF PITCH) O CHS-06A Washable type (With seal tape) O CHS-06TA2 Non-washable type (With seal tape) O CHS-06B Washable type (With seal tape) O CHS-06TB2 Non-washable type (With seal tape) (In accordance with EIAJ ED-7402-1) 1.27±0.15 1.4±0.15 Schematic 9.2 0.15 0.4 + 0.1 –0.05 + 0.1 –0.05 Production date code Seal tape 1.27±0.15 1.4±0.15 9.2 Schematic 0.15 0.4 + 0.1 –0.05 + 0.1 –0.05 Production date code Seal tape ■ OUTLINE DIMENSIONS Unless otherwise specified, tolerance : ± 0.3 (Unit : mm) O CHS-04A Washable type (With seal tape) O CHS-04TA2 Non-washable type (With seal tape) O CHS-04B Washable type (With seal tape) O CHS-04TB2 Non-washable type (With seal tape) (In accordance with EIAJ ED-7402-1) 1.27±0.15 1.4±0.15 Schematic 6.6 0.15 0.4 + 0.1 –0.05 + 0.1 –0.05 Production date code Seal tape 1.27±0.15 1.4±0.15 6.6 Schematic 0.15 0.4 + 0.1 –0.05 + 0.1 –0.05 Production date code Seal tape |