| Moteur de recherche de fiches techniques de composants électroniques |
|
CHS-01TB2 Fiches technique(PDF) 9 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CHS-01TB2 Fiches technique(HTML) 9 Page - Copal Electronics |
|
9 / 14 page ![]() CHS SLIDE SWITCHES (HALF PITCH) O CHS-08A Washable type (With seal tape) O CHS-08TA2 Non-washable type (With seal tape) O CHS-08B Washable type (With seal tape) O CHS-08TB2 Non-washable type (With seal tape) (In accordance with EIAJ ED-7402-1) O CHS-10A Washable type (With seal tape) O CHS-10TA2 Non-washable type (With seal tape) O CHS-10B Washable type (With seal tape) O CHS-10TB2 Non-washable type (With seal tape) (In accordance with EIAJ ED-7402-1) 0.15 + 0.1 –0.05 Production date code 11.7 1.27±0.15 1.4±0.15 Schematic 0.4 + 0.1 –0.05 Seal tape 11.7 1.27±0.15 1.4±0.15 Schematic 0.15 0.4 + 0.1 –0.05 + 0.1 –0.05 Production date code Seal tape 14.3 1.27±0.15 1.4±0.15 Schematic 0.15 0.4 + 0.1 –0.05 + 0.1 –0.05 Production date code Seal tape 14.3 1.27±0.15 1.4±0.15 Schematic 0.15 0.4 + 0.1 –0.05 + 0.1 –0.05 Production date code Seal tape ■ OUTLINE DIMENSIONS Unless otherwise specified, tolerance : ± 0.3 (Unit : mm) |