| Moteur de recherche de fiches techniques de composants électroniques |
|
DS3134 Fiches technique(PDF) 197 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3134 Fiches technique(HTML) 197 Page - Dallas Semiconductor |
|
197 / 203 page ![]() DS3134 197 of 203 AC CHARACTERISTICS - JTAG TEST PORT INTERFACE (0 °C TO +70°C; VDD = 3.0V TO 3.6V) Parameter Symbol Min Typ Max Units Notes JTCLK Clock Period t1 1000 ns JTCLK Clock Low Time t2 400 ns JTCLK Clock High Time t3 400 ns JTMS / JTDI Set Up Time to the Rising Edge of JTCLK t4 50 ns JTMS / JTDI Hold Time from the Rising Edge of JTCLK t5 50 ns Delay Time from the Falling Edge of JTCLK to Data Valid on JTDO t6 2 50 ns JTAG TEST PORT INTERFACE AC TIMING DIAGRAM Figure 12E JTCLK JTMS / JTDI JTDO t4 t5 t6 t1 t2 t3 jtag_ac |