| Moteur de recherche de fiches techniques de composants électroniques |
|
DS3134 Fiches technique(PDF) 62 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3134 Fiches technique(HTML) 62 Page - Dallas Semiconductor |
|
62 / 203 page ![]() DS3134 62 of 203 Register Name: CP[n]RD where n = 0 to 15 for each Port Register Description: Channelized Port [n] Register Data Register Address: See the Register Map in Section 3 76 5432 10 CHD7 CHD6 CHD5 CHD4 CHD3 CHD2 CHD1 CHD0 15 14 13 12 11 10 9 8 CHD15 CHD14 CHD13 CHD12 CHD11 CHD10 CHD9 CHD8 Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0. Bits 0 to 15 / DS0 Channel Data (CHD0 to CHD15). The 16-bit data that is to either be written into or read from the PORT RAM specified by the CP[n]RDIS register. Port RAM Indirect Access Figure 5.3B CP[n]RDIS CP[n]RD Port RAM (one each for all 16 Ports; n = 0 to 15) C[n]DAT0 R[n]CFG0 T[n]CFG0 C[n]DAT1 R[n]CFG1 T[n]CFG1 C[n]DAT2 R[n]CFG2 T[n]CFG2 C[n]DAT3 R[n]CFG3 T[n]CFG3 C[n]DAT4 R[n]CFG4 T[n]CFG4 ... ... ... C[n]DAT126 R[n]CFG126 T[n]CFG126 C[n]DAT127 R[n]CFG127 T[n]CFG127 |