Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS3134 Fiches technique(PDF) 38 Page - Dallas Semiconductor

No de pièce DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Fiches technique(HTML) 38 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 34Page - Dallas Semiconductor DS3134 Datasheet HTML 35Page - Dallas Semiconductor DS3134 Datasheet HTML 36Page - Dallas Semiconductor DS3134 Datasheet HTML 37Page - Dallas Semiconductor DS3134 Datasheet HTML 38Page - Dallas Semiconductor DS3134 Datasheet HTML 39Page - Dallas Semiconductor DS3134 Datasheet HTML 40Page - Dallas Semiconductor DS3134 Datasheet HTML 41Page - Dallas Semiconductor DS3134 Datasheet HTML 42Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 203 page
background image
DS3134
38 of 203
3.11 PCI CONFIGURATION REGISTERS FOR FUNCTION 1 (PIDSEL/BXX)
Offset/
Address
Acronym
Register Name
Section
0x100/0B00
PVID1
PCI Vendor ID / Device ID 1.
9.2
0x104/0B04
PCMD1
PCI Command Status 1.
9.2
0x108/0B08
PRCC1
PCI Revision ID / Class Code 1.
9.2
0x10C/0B0C
PLTH1
PCI Cache Line Size / Latency Timer / Header Type 1.
9.2
0x110/0B10
PLBM
PCI Device Local Base Memory Base Address.
9.2
0x13C/0B3C
PINTL1
PCI Interrupt Line & Pin / Min. Grant / Max. Latency 1.
9.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More