| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8833 Fiches technique(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8833 Fiches technique(HTML) 29 Page - NXP Semiconductors |
|
29 / 112 page ![]() 2003 Feb 14 29 Philips Semiconductors Objective specification STN RGB - 132 × 132 × 3 driver PCF8833 The following steps must be followed to enter the Partial mode: • Set VOP (when the MMOTP cells are used the VOP for the Partial mode is predefined) • Set bias system (when the MMOTP cells are used the bias system for the Partial mode is predefined) • Set start address of active area AA1S[7:0]; can be set in multiples of 4 • Set end address of active area AA1E[7:0] + 1; can be set in multiples of 4 • Enter Partial mode (PTLON). When setting the addresses the following conditions must be ensured: • (AA1E + 1) − AA1S = 32 (only 1 partial display size setting is possible) • AA1 ≥ 0 and AA1E ≤ 131. Figure 8 shows how to use the Partial mode with Line Address Order (LAO) set to logic 0. Figure 9 gives an example of Partial mode with LAO set to logic 1, and Fig.10 shows the position of the partial area when the start address of the active area is AA1S ≥ (131 + 1) − 31, i.e. AA1S ≥ 101 (AA1S must be set in multiples of 4). Figure 11 shows how the Partial mode can be used. MGU917 handbook, full pagewidth 0 1 2 3 4 5 6 7 8 9 10 11 12 13 42 127 128 129 130 131 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 ROW 3 ROW 1 ROW 0 ROW 2 ROW 7 ROW 5 ROW 4 ROW 6 ROW 11 ROW 9 ROW 8 ROW 10 ROW 13 ROW 12 ROW 31 ROW 29 ROW 28 ROW 30 ROW 35 ROW 33 ROW 32 ROW 34 ROW 39 ROW 37 ROW 36 ROW 38 ROW 41 ROW 40 ROW 42 ROW 27 ROW 25 ROW 24 ROW 26 ROW 129 ROW 127 ROW 128 ROW 131 ROW 130 AA1S [7:0] = 4 AA1E [7:0] +1 = 36 RAM display partial area partial area 32 rows Fig.8 Partial Display mode for LAO = 0. |