Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8833 Fiches technique(PDF) 46 Page - NXP Semiconductors

No de pièce PCF8833
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833 Fiches technique(HTML) 46 Page - NXP Semiconductors

Back Button PCF8833 Datasheet HTML 42Page - NXP Semiconductors PCF8833 Datasheet HTML 43Page - NXP Semiconductors PCF8833 Datasheet HTML 44Page - NXP Semiconductors PCF8833 Datasheet HTML 45Page - NXP Semiconductors PCF8833 Datasheet HTML 46Page - NXP Semiconductors PCF8833 Datasheet HTML 47Page - NXP Semiconductors PCF8833 Datasheet HTML 48Page - NXP Semiconductors PCF8833 Datasheet HTML 49Page - NXP Semiconductors PCF8833 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 112 page
background image
2003 Feb 14
46
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
Table 47 Parameters of VLCD
SYMBOL
VALUE
UNIT
b
0.04
V
a
3.6
V
handbook, full pagewidth
MGU932
8 7 6 5 4 3 2 1 0
VOP[8:0]
VPR[8:0]
VLCD
a
b
MMVOPCAL[5:0]
VCON[6:0]
Fig.23 Setting of VOP.
handbook, full pagewidth
MGU933
00
01
02
a
VLCD
VOP
03
04
05
410DEC
06
. . .
programming range (05H to 19AH)
b
Fig.24 VLCD programming range of the PCF8833.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More