Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8833 Fiches technique(PDF) 41 Page - NXP Semiconductors

No de pièce PCF8833
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833 Fiches technique(HTML) 41 Page - NXP Semiconductors

Back Button PCF8833 Datasheet HTML 37Page - NXP Semiconductors PCF8833 Datasheet HTML 38Page - NXP Semiconductors PCF8833 Datasheet HTML 39Page - NXP Semiconductors PCF8833 Datasheet HTML 40Page - NXP Semiconductors PCF8833 Datasheet HTML 41Page - NXP Semiconductors PCF8833 Datasheet HTML 42Page - NXP Semiconductors PCF8833 Datasheet HTML 43Page - NXP Semiconductors PCF8833 Datasheet HTML 44Page - NXP Semiconductors PCF8833 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 112 page
background image
2003 Feb 14
41
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.24.4
Effect of LAO on scroll modes
An example of when the PCF8833 is working in the non-rolling Scroll mode (TF + SA + BF = 132) with the Line Address
Order (LAO) bit set to logic 1, is illustrated in Fig.20. The Scroll modes described in Sections 6.2.24.1 and 6.2.24.2 also
work on the same principle when the LAO bit is set to logic 1.
handbook, full pagewidth
0
1
2
3
4
5
8
6
7
10
9
126
129
130
131
127
128
123
124
125
BF = 8
TF = 8
BF = 8
SA
− 2 = 114
TF = 8
RAM (132 x 132)
display (132 x 130)
MGU929
SEP[7:0]
SEP+3
SEP−1
0
0
1
2
3
4
7
SEP
5
6
127
130
131
131
128
129
124
9
8
123
125
126
2 buffer rows
Fig.20 The non-rolling Scroll mode (TF + SA + BF = 132); with LAO = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More