Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP102-195E/TO Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce MCP102-195E/TO
Description  Micropower Voltage Supervisors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP102-195E/TO Fiches technique(HTML) 16 Page - Microchip Technology

Back Button MCP102-195E/TO Datasheet HTML 12Page - Microchip Technology MCP102-195E/TO Datasheet HTML 13Page - Microchip Technology MCP102-195E/TO Datasheet HTML 14Page - Microchip Technology MCP102-195E/TO Datasheet HTML 15Page - Microchip Technology MCP102-195E/TO Datasheet HTML 16Page - Microchip Technology MCP102-195E/TO Datasheet HTML 17Page - Microchip Technology MCP102-195E/TO Datasheet HTML 18Page - Microchip Technology MCP102-195E/TO Datasheet HTML 19Page - Microchip Technology MCP102-195E/TO Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MCP102/103/121/131
DS20001906D-page 16
 2004-2014 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
3-Lead TO-92
Example
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3-Lead SOT-23
Part Number
MCP1xx =
MCP102 MCP103 MCP121 MCP131
MCP1xxT-195I/TT
JGNN
TGNN
LGNN
KGNN
MCP1xxT-240ETT
JHNN
THNN
LHNN
KHNN
MCP1xxT-270E/TT
JJNN
TJNN
LJNN
KJNN
MCP1xxT-300E/TT
JKNN
TKNN
LKNN
KKNN
MCP1xxT-315E/TT
JLNN
TLNN
LLNN
KLNN
MCP1xxT-450E/TT
JMNN
TMNN
LMNN
KMNN
MCP1xxT-475E/TT
JPNN
TPNN
LPNN
KPNN
Example
YWWNNN
XXXXXX
XXXXXX
XXXXXX
MCP102
195I
TO^^
345256
3
e
3-Lead SC70
Part Number
MCP1xx =
MCP102 MCP103 MCP121 MCP131
MCP1xxT-195I/LB
BGNN
FGNN
DGNN
CGNN
MCP1xxT-240E/LB
BHNN
FHNN
DHNN
CHNN
MCP1xxT-270E/LB
BJNN
FJNN
DJNN
CJNN
MCP1xxT-300E/LB
BKNN
FKNN
DKNN
CKNN
MCP1xxT-315E/LB
BLNN
FLNN
DLNN
CLNN
MCP1xxT-450E/LB
BMNN
FMNN
DMNN
CMNN
MCP1xxT-475E/LB
BPNN
FPNN
DPNN
CPNN
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28