Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP102-195E/TO Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce MCP102-195E/TO
Description  Micropower Voltage Supervisors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP102-195E/TO Fiches technique(HTML) 12 Page - Microchip Technology

Back Button MCP102-195E/TO Datasheet HTML 8Page - Microchip Technology MCP102-195E/TO Datasheet HTML 9Page - Microchip Technology MCP102-195E/TO Datasheet HTML 10Page - Microchip Technology MCP102-195E/TO Datasheet HTML 11Page - Microchip Technology MCP102-195E/TO Datasheet HTML 12Page - Microchip Technology MCP102-195E/TO Datasheet HTML 13Page - Microchip Technology MCP102-195E/TO Datasheet HTML 14Page - Microchip Technology MCP102-195E/TO Datasheet HTML 15Page - Microchip Technology MCP102-195E/TO Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MCP102/103/121/131
DS20001906D-page 12
 2004-2014 Microchip Technology Inc.
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin No.
Symbol
Function
MCP102
MCP121
MCP131
MCP103
12
RST
Output State
VDD Falling:
H=VDD >VTRIP
L= VDD <VTRIP
VDD Rising:
H=VDD >VTRIP +VHYS
L= VDD <VTRIP +VHYS
23
VDD
Positive power supply
31
VSS
Ground reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28