Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP102-195E/TO Fiches technique(PDF) 15 Page - Microchip Technology

No de pièce MCP102-195E/TO
Description  Micropower Voltage Supervisors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP102-195E/TO Fiches technique(HTML) 15 Page - Microchip Technology

Back Button MCP102-195E/TO Datasheet HTML 11Page - Microchip Technology MCP102-195E/TO Datasheet HTML 12Page - Microchip Technology MCP102-195E/TO Datasheet HTML 13Page - Microchip Technology MCP102-195E/TO Datasheet HTML 14Page - Microchip Technology MCP102-195E/TO Datasheet HTML 15Page - Microchip Technology MCP102-195E/TO Datasheet HTML 16Page - Microchip Technology MCP102-195E/TO Datasheet HTML 17Page - Microchip Technology MCP102-195E/TO Datasheet HTML 18Page - Microchip Technology MCP102-195E/TO Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
 2004-2014 Microchip Technology Inc.
DS20001906D-page 15
MCP102/103/121/131
4.4
Usage in PIC® Microcontroller,
ICSP™ Applications (MCP121
only)
Figure 4-5 shows the typical application circuit for using
the MCP121 for voltage supervision function when the
PIC microcontroller will be programmed via the ICSP
feature. Additional information is available in TB087,
“Using Voltage Supervisors with PIC® Microcontroller
Systems
which
Implement
In-Circuit
Serial
Programming™”, DS91087.
FIGURE 4-5:
Typical Application Circuit
for PIC® Microcontroller with the ICSP™
Feature.
Note:
It is recommended that the current into the
RST pin be current limited by a 1 k
resistor.
VDD/VPP
VDD
MCLR
(Reset Input)
(Active-low)
VSS
PIC®
MCU
RPU
0.1 µF
1k
MCP121
VDD
RST
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28