| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2221 Fiches technique(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2221 Fiches technique(HTML) 57 Page - Microchip Technology |
|
57 / 80 page ![]() 2015 Microchip Technology Inc. DS20005292B-page 57 MCP2221 3.1.15 RESET CHIP This command is used to force a Reset of the MCP2221 device. This command is useful when the Flash memory is updated with new data. The MCP2221 would need to be re-enumerated to see the new data. Note: This command is the only command that does not expect a response. TABLE 3-40: COMMAND STRUCTURE Byte Index Value Effect 0 0x70 Reset Chip – command code 10xAB 20xCD 30xEF 4-63 0x00 Reserved |