Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2221 Fiches technique(PDF) 25 Page - Microchip Technology

No de pièce MCP2221
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221 Fiches technique(HTML) 25 Page - Microchip Technology

Back Button MCP2221 Datasheet HTML 21Page - Microchip Technology MCP2221 Datasheet HTML 22Page - Microchip Technology MCP2221 Datasheet HTML 23Page - Microchip Technology MCP2221 Datasheet HTML 24Page - Microchip Technology MCP2221 Datasheet HTML 25Page - Microchip Technology MCP2221 Datasheet HTML 26Page - Microchip Technology MCP2221 Datasheet HTML 27Page - Microchip Technology MCP2221 Datasheet HTML 28Page - Microchip Technology MCP2221 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 25
MCP2221
23
SDA line value –
as read from the pin
24
Interrupt edge detector state
0 or 1
25
I2C Read pending value
0, 1 or 2
This field is used by the USB host to know if the MCP2221
still has to read from a slave device.
26-45 Don’t care
Any value
46
MCP2221 Hardware Revision
Major (‘A’)
47
MCP2221 Hardware Revision
Minor (‘6’)
48
MCP2221 Firmware Revision
Major (‘1’)
49
MCP2221 Firmware Revision
Minor (‘1’)
50-55 ADC Data (16-bit) values.
3 x (16-bit) little-endian ADC channel values (CH0 LSB,
CH0 MSB, CH1 LSB, CH1 MSB, CH2 LSB, CH2 MSB).
56-63 Don’t care
Any value
TABLE 3-2:
RESPONSE 1 STRUCTURE (CONTINUED)
Byte
Index
Function Description
Value
Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80