| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2221 Fiches technique(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2221 Fiches technique(HTML) 47 Page - Microchip Technology |
|
47 / 80 page ![]() 2015 Microchip Technology Inc. DS20005292B-page 47 MCP2221 11 GP2 output value status 0xEE If GP2 is not set for GPIO operation Any other value If GP2 is already set for GPIO operation, the value will be copied from the same byte index in the command structure 12 Alter GP2 pin direction (enable/disable) 0xEE If GP2 is not set for GPIO operation Any other value If GP2 is already set for GPIO operation, the value will be copied from the same byte index in the command structure 13 GP2 pin direction (input or output) 0xEE If GP2 is not set for GPIO operation Any other value If GP2 is already set for GPIO operation, the value will be copied from the same byte index in the command structure 14 Alter GP3 output (enable/disable) status 0xEE If GP3 is not set for GPIO operation Any other value If GP3 is already set for GPIO operation, the value will be copied from the same byte index in the command structure 15 GP3 output value status 0xEE If GP3 is not set for GPIO operation Any other value If GP3 is already set for GPIO operation, the value will be copied from the same byte index in the command structure 16 Alter GP3 pin direction (enable/disable) 0xEE If GP3 is not set for GPIO operation Any other value If GP3 is already set for GPIO operation, the value will be copied from the same byte index in the command structure 17 GP3 pin direction (input or output) 0xEE If GP3 is not set for GPIO operation Any other value If GP3 is already set for GPIO operation, the value will be copied from the same byte index in the command structure 18-63 Don’t care TABLE 3-33: RESPONSE 1 STRUCTURE (CONTINUED) Byte Index Function Description Value Effect |