| Moteur de recherche de fiches techniques de composants électroniques |
|
TLV2211CDBVTG4 Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2211CDBVTG4 Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 31 page ![]() SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006 TLV2211, TLV2211Y Advanced LinCMOS RAILTORAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS 23 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 45 f − Frequency − Hz EQUIVALENT INPUT NOISE VOLTAGE† vs FREQUENCY 40 30 20 0 60 50 10 VDD = 3 V RS = 20 Ω TA = 25°C 70 80 101 102 103 104 Figure 46 f − Frequency − Hz EQUIVALENT INPUT NOISE VOLTAGE† vs FREQUENCY 40 20 10 0 60 30 50 VDD = 5 V RS = 20 Ω TA = 25°C 70 80 101 102 103 104 Figure 47 t − Time − s INPUT NOISE VOLTAGE OVER A 10-SECOND PERIOD† 02 4 6 0 750 1000 810 500 − 250 − 500 − 750 − 1000 250 VDD = 5 V f = 0.1 Hz to 10 Hz TA = 25°C Figure 48 f − Frequency − Hz TOTAL HARMONIC DISTORTION PLUS NOISE† vs FREQUENCY 10 2 10 3 10 4 AV = 10 AV = 1 10 1 0.1 0.01 10 1 AV = 100 VDD = 10 V VIC = 2.5 V RL = 10 kΩ TA = 25°C † For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V. |