| Moteur de recherche de fiches techniques de composants électroniques |
|
TLV2211CDBVTG4 Fiches technique(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2211CDBVTG4 Fiches technique(HTML) 16 Page - Texas Instruments |
|
16 / 31 page ![]() TLV2211, TLV2211Y Advanced LinCMOS RAILTORAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006 16 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 19 SHORT-CIRCUIT OUTPUT CURRENT†‡ vs FREE-AIR TEMPERATURE TA − Free-Air Temperature − °C 14 10 6 4 2 0 −2 − 50 − 25 0 25 50 75 100 − 75 125 8 12 VID = − 100 mV VID = 100 mV VDD = 5 V VIC = 2.5 V VO = 2.5 V Figure 20 0 0.5 1 1.5 2 2.5 3 − 250 − 500 − 750 − 1000 250 500 750 1000 0 VDD = 3 V RI = 10 kΩ VIC = 1.5 V TA = 25°C OUTPUT VOLTAGE‡ vs DIFFERENTIAL INPUT VOLTAGE VID − Differential Input Voltage − µV Figure 21 VID − Differential Input Voltage − µV 0 1 3 2 4 5 VDD = 5 V VIC = 2.5 V RL = 10 kΩ TA = 25°C − 250 − 500 − 750 − 1000 250 500 750 1000 0 OUTPUT VOLTAGE‡ vs DIFFERENTIAL INPUT VOLTAGE Figure 22 DIFFERENTIAL VOLTAGE AMPLIFICATION‡ vs LOAD RESISTANCE RL − Load Resistance − kΩ 103 102 101 1 0.1 1 101 102 103 VO(PP) = 2 V TA = 25°C VDD = 5 V VDD = 3 V † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. ‡ For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V. |