| Moteur de recherche de fiches techniques de composants électroniques |
|
TLV2211CDBVTG4 Fiches technique(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2211CDBVTG4 Fiches technique(HTML) 17 Page - Texas Instruments |
|
17 / 31 page ![]() SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006 TLV2211, TLV2211Y Advanced LinCMOS RAILTORAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS f − Frequency − Hz LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION AND PHASE MARGIN† vs FREQUENCY 40 30 20 10 0 −10 −20 −30 −40 103 104 105 106 90 ° 45 ° 0 ° −45 ° −90 ° VDD = 3 V RL = 10 kΩ CL= 100 pF TA = 25°C Phase Margin Gain Figure 23 f − Frequency − Hz LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION AND PHASE MARGIN† vs FREQUENCY 40 30 20 10 0 −10 −20 −30 −40 103 104 105 106 90 ° 45 ° 0 ° −45 ° −90 ° VDD = 5 V RL= 10 kΩ CL= 100 pF TA = 25°C Phase Margin Gain Figure 24 † For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V. |