Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DN2470 Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce DN2470
Description  N-Channel, Depletion-Mode, Vertical DMOS FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN2470 Fiches technique(HTML) 2 Page - Microchip Technology

  DN2470 Datasheet HTML 1Page - Microchip Technology DN2470 Datasheet HTML 2Page - Microchip Technology DN2470 Datasheet HTML 3Page - Microchip Technology DN2470 Datasheet HTML 4Page - Microchip Technology DN2470 Datasheet HTML 5Page - Microchip Technology DN2470 Datasheet HTML 6Page - Microchip Technology DN2470 Datasheet HTML 7Page - Microchip Technology DN2470 Datasheet HTML 8Page - Microchip Technology DN2470 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DN2470
DS20005410A-page 2
 2015 Microchip Technology Inc.
Package Type
TO-252 (D-PAK)
See Table 2-1 for pin information
GATE
SOURCE
DRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11