Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DN2470 Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce DN2470
Description  N-Channel, Depletion-Mode, Vertical DMOS FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN2470 Fiches technique(HTML) 6 Page - Microchip Technology

Back Button DN2470 Datasheet HTML 2Page - Microchip Technology DN2470 Datasheet HTML 3Page - Microchip Technology DN2470 Datasheet HTML 4Page - Microchip Technology DN2470 Datasheet HTML 5Page - Microchip Technology DN2470 Datasheet HTML 6Page - Microchip Technology DN2470 Datasheet HTML 7Page - Microchip Technology DN2470 Datasheet HTML 8Page - Microchip Technology DN2470 Datasheet HTML 9Page - Microchip Technology DN2470 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DN2470
DS20005410A-page 6
 2015 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend: XX...X
Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for product code or customer-specific information. Package may or
not include the corporate logo.
3
e
3
e
TO-252 (D-PAK)
Example
YYWWNNN
XXXXX
XXXX
e3
1517343
2470
DN
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11