Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DN2470 Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce DN2470
Description  N-Channel, Depletion-Mode, Vertical DMOS FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN2470 Fiches technique(HTML) 9 Page - Microchip Technology

Back Button DN2470 Datasheet HTML 3Page - Microchip Technology DN2470 Datasheet HTML 4Page - Microchip Technology DN2470 Datasheet HTML 5Page - Microchip Technology DN2470 Datasheet HTML 6Page - Microchip Technology DN2470 Datasheet HTML 7Page - Microchip Technology DN2470 Datasheet HTML 8Page - Microchip Technology DN2470 Datasheet HTML 9Page - Microchip Technology DN2470 Datasheet HTML 10Page - Microchip Technology DN2470 Datasheet HTML 11Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
 2015 Microchip Technology Inc.
DS20005410A-page 9
DN2470
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
DN2470 = N-Channel, Depletion-Mode,
vertical DMOS FET
Package:
K4
= TO-252 (D-PAK)
Environmental
G
= Lead (Pb)-free/ROHS-compliant package
Media Type:
(blank) = 2000/Reel
Examples:
a)
DN2470K4-G
TO-252 package,
2000/reel
PART NO.
X
Device
X
Environmental
XX
Package
Options
Media
-
-
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11