| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8993 Fiches technique(PDF) 32 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8993 Fiches technique(HTML) 32 Page - Wolfson Microelectronics plc |
|
32 / 229 page ![]() WM8993 Production Data w PD, November 2010, Rev 4.0 32 CONTROL INTERFACE TIMING SCLK (input) SDAT t4 t3 START t8 STOP t5 t2 t1 t9 t7 t6 Figure 6 Control Interface Timing Test Conditions The following timing information is valid across the full range of recommended operating conditions. PARAMETER SYMBOL MIN TYP MAX UNIT SCLK Frequency 400 kHz SCLK Low Pulse-Width t1 1300 ns SCLK High Pulse-Width t2 600 ns Hold Time (Start Condition) t3 600 ns Setup Time (Start Condition) t4 600 ns Data Setup Time t5 100 ns SDAT, SCLK Rise Time t6 300 ns SDAT, SCLK Fall Time t7 300 ns Setup Time (Stop Condition) t8 600 ns Data Hold Time t9 900 ns Pulse width of spikes that will be suppressed tps 0 5 ns |